Part Number Hot Search : 
UZ7860 A5800847 CPD48 BT2222A HA5023 CAT4026 MAX66020 5320PI
Product Description
Full Text Search
 

To Download BM02B-SRSS-TB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  223 jst 9 features ultra-compact insulation displacement connector 1.0mm (.039") pitch and only 3.0mm (.118") high (side entry type). this connector is only about 61% as large as the smallest conventional (jst) idc designs. header designed for vacuum pick and place robotics although this shrouded header has locking features for its mating receptacle, there are no holes in the header shroud that would adversely effect vacuum grippig equipment. since there is enough flat surface for secure vacuum gripping, this miniature surface mount connector is versatile for designers and economic for manufacturing. twin u-slot insulation displacement section the insulation displacement section connected to each wire consists of two tin-plated slots (twin u-slots), which ensures reliable connection. 3-point grip construction the 3-point insulation grip feature and the strain relief ensure a firm grip on terminated wires and protection of the insulation displacement connection from possible damage. specifications current rating: 0.7a dc voltage rating: 50v dc temperature range: -25 ? c to +85 ? c(including temperature rise in applying electrical current) contact resistance: initial value/20m ? max. after environmental testing/40m ? max. insulation resistance: 100m ? min. withstanding voltage: 500v ac/minute applicable wire: awg #30 conductor/7 strands, tin-coated annealed copper insulation o.d./0.56mm (.022") * contact jst for details. standards 0 recognized e60389 1 certified lr20812 sr connector disconnectable insulation displacement connectors 1.0mm (.039") pitch idc emboss tape
224 sr connector receptacle b 3.6(.142) a 2.45(.097) 2.1(.083) 1.0 (.039) material and finish cir- cuits model no. dimensions mm(in.) q ty / box b 2 3 4 5 6 7 8 9 10 11 12 13 14 02sr-3s 03sr-3s 04sr-3s 05sr-3s 06sr-3s 07sr-3s 08sr-3s 09sr-3s 10sr-3s 11sr-3s 12sr-3s 13sr-3s 14sr-3s 3,000 3,000 3,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 2,000 contact: phosphor bronze, tin-plated housing: polyamide 66, ul94v-0, natural (ivory) a 1.0(.039) 2.0(.079) 3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 14.0(.551) 15.0(.591) shrouded header 2.9(.114) b 4.25(.167) 1.5 (.059) 0.7(.028) a 1.0 (.039) a 4.25(.167) 0.7(.028) 2.9(.114) 1.5 (.059) b 1.0 (.039) material and finish cir- cuits top entry type dimensions mm(in.) q ' ty / reel top entry type side entry type b 2 3 4 5 6 7 8 9 10 11 12 13 14 BM02B-SRSS-TB bm03b-srss-tb bm04b-srss-tb bm05b-srss-tb bm06b-srss-tb bm07b-srss-tb bm08b-srss-tb bm09b-srss-tb bm10b-srss-tb bm11b-srss-tb bm12b-srss-tb bm13b-srss-tb bm14b-srss-tb 1.0(.039) 2.0(.079) 3.0(.118) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 4.0(.157) 5.0(.197) 6.0(.236) 7.0(.276) 8.0(.315) 9.0(.354) 10.0(.394) 11.0(.433) 12.0(.472) 13.0(.512) 14.0(.551) 15.0(.591) 16.0(.630) 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 3,000 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 1,500 contact: copper alloy, copper-undercoated, tin/lead plated wafer: polyamide, ul94v-0, natural (ivory) solder tab: brass, copper-undercoated, tin/lead plated a side entry type sm02b-srss-tb sm03b-srss-tb sm04b-srss-tb sm05b-srss-tb sm06b-srss-tb sm07b-s rss-tb sm08b-srss-tb sm09b-srss-tb sm10b-srss-tb sm11b-srss-tb sm12b-srss-tb sm13b-srss-tb sm14b-srss-tb side entry type note: 1. the products listed above are supplied on embossed-tape. 2. contact jst for the top entry type headers with suction cap. pc board layout (viewed from component side) and assembly layout 2.95(.116) 4.85(.191) shrouded header 0.6 0.05 (.024 .002) 0.7 0.1 (.028 .004) 4.0 0.1 (.157 .004) 0.2 0.1 (.008 .004) 5.55 0.1 (.219 .004) 1.0 0.05 (.039 .002) 1.8 0.1 (.071 .004) 1.2 0.1 (.047 .004) note: 1. tolerances are non-cumulative: 0.05mm(.002" ) for all centers. 2. dimensions above should serve as a guideline. contact jst for details. side entry type 4.9(.193) 2.9(.114) shrouded header 0.6 0.05 (.024 .002) 0.7 0.1 (.028 .004) 2.65 0.1 (.104 .004) 0.2 0.1 (.008 .004) 4.2 0.1 (.165 .004) 1.0 0.05 (.039 .002) 1.8 0.1 (.071 .004) 1.2 0.1 (.047 .004) top entry type top entry type
225 380 [100(3.937)dia.] 2.0 (14.961 .079)dia 13.0(.512)dia. carrier tape feeding direction cover tape leader area tail tape (unloaded area) 40(1.575) min. connector loaded area lead tape (unloaded area) 20 vacancies min. 400(15.748) min. feeding direction (w1 +.098 - .039 w1 +2.5 - 1.0 ) 2.0 0.5 (.079 .002) 8.0 0.1 (.315 .004) 0.38 0.05 (.015 .002) 3.25 (.128) 4.0 0.1 (.157 .004) 2.0 0.1 (.079 .004) f 0.1 (.004) feeding direction carrier tape cover tape w 0.3(.012) (s) 1.55 0.05 (.061 .002)dia. 1.75 0.1 (.069 .004) (s) cover tape 12 0.1 (.315 .004) 0.38 0.05 (.015 .002) 4.55 (.179) 4.0 0.1 (.157 .004) 2.0 0.1 (.079 .004) 1.75 0.1 (.069 .004) f 0.1 (.004) feeding direction carrier tape w 0.3(.012) 1.55 0.05 (.061 .002)dia. taping specifications side entry type cir- cuits top entry type side entry type 2 to 3 4 5 to 7 8 9 to 14 q'ty / reel top entry type side entry type top entry type side entry type top entry type side entry type top entry type side entry type taping dimensions mm(in.) fsww1 reel dimensions mm(in.) 5.5(.217) 7.5(.295) 7.5(.295) 11.5(.453) 11.5(.453) 5.5(.217) 5.5(.217) 7.5(.295) 7.5(.295) 11.5(.453) 4.75(.187) 6.75(.266) 6.75(.266) 10.75(.423) 10.75(.423) 4.75(.187) 4.75(.187) 6.75(.266) 6.75(.266) 10.75(.423) 12(.472) 16(.630) 16(.630) 24(.945) 24(.945) 12(.472) 12(.472) 16(.630) 16(.630) 24(.945) 13.5(.531) 17.5(.689) 17.5(.689) 25.5(1.004) 25.5(1.004) 13.5(.531) 13.5(.531) 17.5(.689) 17.5(.689) 25.5(1.004) 1,500 1,500 1,500 1,500 1,500 3,000 3,000 3,000 3,000 3,000 top entry type sr connector note: 1. specifications conform to jis c 0806. the tape width, connector recess hole dimensions, etc. are determined by the number o f circuits and external shape of the connector to be loaded. 2. specifications are subject to change without prior notice.


▲Up To Search▲   

 
Price & Availability of BM02B-SRSS-TB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X